Part Number Hot Search : 
7N60B MTD6N10 ALN1750 NHSB064 AA8600AP 1D310 TFS120C BZT5264B
Product Description
Full Text Search
 

To Download HPR1XX-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Corporate: www.cdtechno.com Product: www.cdpoweronline.com
HPR1XX
0.75 Watt Single Output DC/DC Converter
Low Cost Multiple Package Styles Internal Input and Output Filtering Non-Conductive Case High Output Power Density: 10 Watts/Inch3 Extended Temperature Range: -25C to +85C Efficiency to 79%
The HPR1XX Series uses advanced circuit design and packaging technology to deliver superior reliability and performance. A 170kHz push-pull oscillator is used in the input stage. Beat-frequency oscillation problems are reduced when using the HPR1XX Series with high frequency isolation amplifiers. Reduced parts count and high efficiency add to the reliability of the
HPR1XX Series. The high efficiency of the HPR1XX Series means less internal power dissipation, as low as 190mW. With reduced heat dissipation the HPR1XX Series can operate at higher temperatures with no degradation. In addition, the high efficiency of the HPR1XX Series means the series is able to offer greater than 10 W/inch3 of output power density. Operation down
to no load will not impact the reliability of the series, although a >1mA minimum load is needed to realize published specifications. The HPR1XX Series provides the user a low cost converter without sacrificing reliability. The use of surface mounted devices and advanced manufacturing technologies make it possible to offer premium performance and low cost.
SPECIFICATIONS All specifications are typical at TA = +25C nominal input voltage unless otherwise specified.
PRODUCT SELECTION CHART
NOMINAL INPUT VOLTAGE (VDC) 5 5 5 5 5 5 12 12 12 12 12 12 15 15 15 15 15 15 24 24 24 24 24 24 RATED OUTPUT VOLTAGE (VDC) 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 RATED OUTPUT CURRENT (mA) 150 62 50 75 30 25 150 62 50 75 30 25 150 62 50 75 30 25 150 62 50 75 30 25
HPR1XX REV M 4/03
INPUT CURRENT NO LOAD (mA) 20 20 20 20 20 20 10 10 10 10 10 10 8 8 8 8 8 8 8 8 8 8 8 8 RATED LOAD (mA) 216 212 212 218 212 200 90 81 81 88 81 81 72 72 72 72 63 63 48 48 45 45 45 45
MODEL HPR100 HPR101 HPR102 HPR103 HPR104 HPR105 HPR106 HPR107 HPR108 HPR109 HPR110 HPR111 HPR112 HPR113 HPR114 HPR115 HPR116 HPR117 HPR118 HPR119 HPR120 HPR121 HPR122 HPR123
REFLECTED RIPPLE CURRENT (mAp-p) 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 15 15 15 15 15 15
EFFICIENCY (%) 69 70 71 68 68 75 69 77 77 71 74 77 69 69 69 69 76 79 65 65 76 69 67 69 1
Note: Other input to output voltages may be available. Please contact factory.
Product: www.cdpoweronline.com
SPECIFICATIONS, ALL MODELS
Specifications are at TA = +25C nominal input voltage unless otherwise specified.
PARAMETER
INPUT Voltage Range
CONDITIONS
MIN
TYP
MAX
UNITS
4.5 5 5.5 VDC 10.8 12 13.2 VDC 13.5 15 16.5 VDC 21.6 24 26.4 VDC Voltage Rise Time See Typical Performance Curves & Application Notes: "Capacitive Loading Effects on Start-Up of DC/DC Converters" OUTPUT Rated Power 750 mW 5 % Voltage Setpoint Accuracy Rated Load, Nominal VIN Ripple & Noise BW = DC to 10MHz 45 mVp-p BW =10Hz to 2MHz 30 mVrms HPR103 BW = DC to 10MHz 90 mVp-p Voltage (Over Input Voltage Range) 1mA Load, VOUT = 5V 7 VDC 15 VDC 1mA Load, VOUT = 12V 1mA Load, VOUT = 15V 18 VDC Temperature Coefficent .01 %/C REGULATION Line Regulation High Line to Low Line 1 %/%Vin GENERAL ISOLATION Rated Voltage 750 VDC Test Voltage 60 Hz, 10 Seconds 750 Vrms (1060pk) Resistance 10 G Capacitance 25 100 pF Leakage Current VISO= 240VAC, 60Hz 2 8.5 Arms Switching Frequency 170 kHz Frequency Change Over Line and Load 24 % Package Weight 2 g MTTF per MIL-HDBK-217, Rev. E* Circuit Stress Method Ground Benign TA = +25C 7.9 MHr Fixed Ground TA = +35C 1.9 MHr 1.2 MHr Naval Sheltered TA = +35C Airborne Uninhabited Fighter TA = +35C 300 kHr TEMPERATURE Specification -25 +25 +85 C Operation -40 +100 C Storage -40 +110 C * For demonstrated MTTF results reference: Power Convertibles Reliability Report HPR105.
GENERAL
OUTPUT
INPUT
RECOMMENDED LAND PATTERN
RECOMMENDED REFLOW PROFILE
30 sec MAX (>220C) 250 235 C MAX 220 200 190
0.100" (2.54)
14 13 11 10 9 8
TEMPERATURE (C)
0.730" (18.54)
0.080" (2.03) 0.040" (1.02)
1234567
150
100
90 sec MAX (>190C)
50
0.650" (16.51)
TIME (seconds)
Product: www.cdpoweronline.com
HPR1XX REV M 4/03
2
TYPICAL PERFORMANCE CURVES
Specifications are at TA = +25C nominal input voltage, nominal load, recommended external components applied, unless otherwise specified. (Refer to Application Note DCAN-9 at www.cdpoweronline.com)
VOUT VS LOAD (5Vout Models) 5.7 5.5
Vout Vout
VOUT VS LOAD (5Vout Models) 5.4 5.2
Vout
VOUT VS LOAD (12Vout Models) 12.5 12.4 12.3 12.2 12.1
5.3 5.1 4.9 0 40 80 120 160 Output Current (mA) VOUT VS LOAD (12Vout Models) 12.6 12.5 12.4
5.0 4.8
12.0 4.6 0 20 40 60 80 Output Current each load (mA) VOUT VS LOAD (15Vout Models) 15.9 15.7
Vout Vout
11.9 0 20 40 60 80 Output Current each load (mA) VOUT VS LOAD (15Vout Models) 16.5 16.0 15.5
Vout
12.3 12.2 12.1 12.0 0 10 20 30 40 Output Current each load (mA)
15.5 15.3 15.1 14.9 0 20 40 60 80 Output Current each load (mA) OSCILLATION FREQUENCY VS TEMPERATURE 220
15.0 14.5 14.0 13.5 0 0.2 0.4 0.6 0.8 1.0 Output Power each load (Watts)
EFFICIENCY VS LOAD 90
Frequency (KHz)
75
Efficiency (%)
60 45 30 15 0 0 20 40 60 80 100 % of Rated Load (%)
200 180 160 140 -30 0 30 Temperature (C) 60 90
SAFE OPERATING AREA
600
LOAD CAPACITANCE vs INPUT RISE TIME (5 Vout models)
60
LOAD CAPACITANCE vs INPUT RISE TIME (15 Vout models)
500
50
Total Load Capacitance (uF)
Total Load Capacitance (uF)
400
40
300
30
SAFE OPERATING AREA
200
SAFE OPERATING AREA
20
100
10
0 0 5 10 15 20 25 30 35 Rise Time of Input Voltage (mS) 40 45 50
0 0 5 10 15 20 25 30 35 40 45 50 Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME (12 Vout models)
90
NOTES: 1.) When operated within the SAFE OPERATING AREA as defined by the above curves, the output voltage of HPR1XX devices is guaranteed to be within 95% of its steady-state value within 100 milliseconds after the input voltage has reached 95% of its steadystate value. 2.) For dual output models, total load capacitance is the sum of the capacitances on the plus and minus outputs.
Total Load Capacitance (uF)
80 70 60 50 40 30 20 10 0 0 5 10 15 20 25 30 35 40 45 50 Rise Time of Input Voltage (mS)
SAFE OPERATING AREA
Product: www.cdpoweronline.com
HPR1XX REV M 4/03
3
MECHANICAL
"SIP" PACKAGE/PINOUT
0.77 +0.010" (19.56 +0.25) 0.240 +0.010" (6.09 +0.25)
FRONT VIEW
1 2 4 *5 6
0.400 +0.010" (10.16 +0.25) 0.020 +0.010" (0.51 +0.25) 0.140" MIN (3.56) 0.18 +0.015" (4.57 +0.38)
RIGHT SIDE VIEW
Notes: All dimensions are in inches (millimeters). GRID: 0.100 inches (2.54 millimeters) PIN PLACEMENT TOLERANCE: 0.015" *Common pin not present on single output models. PIN CONNECTIONS
0.02 +0.002" (0.51 +0.05)
0.01 +0.002" (0.25 +0.05) 0.035 +0.015" (0.89 +0.38)
BOTTOM VIEW
1. 2. 4. 5. 6.
+VIN -VIN -VOUT COM* +VOUT
PACKAGE/PINOUT "V" AND "W"
DIP PACKAGE
0.7850.010" (19.940.25)
14 13 11 10 9 8
SMD PACKAGE
0.7850.010" (19.940.25)
14 13 11 10 9 8
0.5250.010" (13.340.25)
HPR1XXV
1234567
0.6950.015" (17.650.38)
TOP VIEWS
0.5250.010" (13.340.25)
HPR1XXW
0.6950.015" (17.650.38)
1234567
0.3750.005" (9.520.13) 0.0150.005" (0.380.13) 0.0200.002" (0.510.05) 0.1000.010" (2.540.25)
SIDE VIEWS
0.3750.005" (9.520.13) 0.0150.005" (0.380.13) 0.0200.002" (0.510.05) 0.1000.010" (2.540.25)
0-15
0.600" (15.24)
0.125+0.030" -0.000" (3.18+0.76) ( -0.00)
END VIEWS
0.0140.002" (0.360.05) .015.010" (.38.26)
PIN CONNECTIONS
PIN# 1 2 3 4 5 6 SINGLES +VIN -VIN NC NC -VOUT NC DUALS +VIN -VIN NC NC -VOUT Common PIN# 7 8 9 10 11 13 14 SINGLES +VOUT NC NC NC NC NC NC DUALS +VOUT NC NC NC NC NC NC
NOTES: NC = Do Not Connect. Duplicate pin functions are internally connected. All dimensions are in inches (millimeters). GRID: 0.100 inches (2.54 millimeters)
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation ................................. 450mW ShortCircuitDuration ........................................... Momentary Lead Temperature (soldering, 10 seconds max .+300C * * NOTE: Refer to Reflow Profile for SMD Models.
ORDERING INFORMATION
HPR 1XX V/W Device Family HPR Indicates DC/DC Converter Model Number Selected from Table of Electrical Characteristics Package Option There is "no" package designator for the SIP package V = DIP Package W = SMD Package
C&D Technologies, EMEA/AP Milton Keynes MK14 5BU UK Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
Power Electronics Division, Americas 3400 E Britannia Drive, Tucson, Arizona 85706 Tel: 800.547.2537 Fax: 520.295.4197
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user's intended purpose and in user's specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace applications.
Product: www.cdpoweronline.com
HPR1XX REV M 4/03
4


▲Up To Search▲   

 
Price & Availability of HPR1XX-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X